PART |
Description |
Maker |
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38073M4A00FP M38073M4-214FP M38073M4-218FP M38073 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-bit Microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
3850GROUP E3850G M38503E4SS M38503E4SP M38503E6-XX |
RAM size:2048 bytes; single-chip 8-bit microcomputer Single Chip 8-Bit CMOS Microcomputer From old datasheet system SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER RAM size:1536 bytes; single-chip 8-bit microcomputer
|
Mitsubishi Electric Corporation
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
U83930HD U83930HE |
Universal serial bus hub peripheral controller. ROM size 8 Kbytes, RAM size 1024 bytes, 12-MHz crystal operation Universal serial bus hub peripheral controller. ROM size 16 Kbytes, RAM size 1024 bytes, 12-MHz crystal operation
|
Intel
|
GMS97L1051 GMS97L1051-D GMS97C1051 GMS97C1051-24 G |
ROM/RAM size:2 Kb/128 bytes,4.25-5.5 V, 12 MHz, 8-bit microcontroller ROM/RAM size:2 Kb/128 bytes,4.25-5.5 V, 24 MHz, 8-bit microcontroller 8-Bit CMOS Microcontorller
|
Hynix Semiconductor N.A.
|
M3062AFCVGP M30626FHPFP M30626FHPGP M30627FHPGP M3 |
Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K 4K bytes, RAM capacity = 20K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 96K bytes, RAM capacity = 5K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K bytes, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K 4K bytes, RAM capacity = 4K bytes, Single-chip 16-bit CMOS microcomputer, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 512K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K bytes, RAM capacity = 20K bytes
|
Renesas
|
SG1201A |
GRAPHIC LCD MODULE display format: 12x1; module size: 80x36x8.8; viewing size: 65.0x16.0; character size: 30.93x7.64; dot size: 0.40x0.60; controller: HD66730;
|
SUNLIKE
|
STB60NE03L-10 5466 |
N - CHANNEL ENHANCEMENT MODE ?SINGLE FEATURE SIZE ?POWER MOSFET N - CHANNEL ENHANCEMENT MODE ” SINGLE FEATURE SIZE ” POWER MOSFET From old datasheet system N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET N-CHANNEL Power MOSFET PC 8C 8#20 SKT RECP -通道增强型“特征尺寸单”功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics STMicroelectronics N.V.
|
HYB5116400BJ-50-60 Q67100-Q1087 HYB3116400BJ HYB31 |
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:41; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-41 4米4位动态随机存储器2k 4M×4-Bit Dynamic RAM(4M×4动RAM) 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
http:// SIEMENS AG
|
CY7C60323-LTXCT CY7C60333-LTXC |
enCoRe?/a> III Low Voltage enCoRe(TM) III Low Voltage; Core: M8C; Code Memory Architecture: Flash; Code Memory Size: 8 KB; RAM size: 512 B MULTIFUNCTION PERIPHERAL, QCC32
|
Cypress Semiconductor, Corp.
|